Part Number Hot Search : 
12R05 BSV26 020LF BC857BT S13D2 SY100 HAL501 74LS18
Product Description
Full Text Search
 

To Download HDG12864L-4-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 88 pin connections pin no. symbol function 1cs1 chip select signal 2res reset signal 3 a0 control/data select signal 4 r/w signal to select read or write 5 e enable clock input 6 - 13 d0-d7 data bus 14 v dd power supply for logic 15 v ss grouund 16 vout # dc/dc converter output 17 cap3+ dc/dc voltage coninverter capacitors 18 cap1+ 19 cap1- 20 cap2- 21 cap2+ 22 v1 lcd driver supply voltages 23 v2 24 v3 25 v4 26 v5 electrical characteristics (vdd=5.00.25v 25c) parameter sym min typ max unit power supply voltage v dd 3.0 5.0 5.5 v input high voltage v ih 0.7v dd -v dd v input low voltage v il -0.3 - 0.2v dd v power supply for lcd v dd -v l 8.5 v power supply current i dd - 7.45 ma led forward voltag ( white ) v f 3.9 4.1 4.3 v led forward curren ( white) i f - 90 150 ma drive method 1/64 duty absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss - 0.3 5.5 v supply voltage for lcd v dd -v l 0 16.0 v input voltage v in - 0.3 v dd v operating temperature t op -20 70 c storage temperature t stg -30 80 c features back light .......................................white or yellow/green led connection ........................................................flat flex cable options........................................stn/fstn, 6/12 o?clock view extended/nornal temperature transflective or reflective polarizer built-in controller..................................epson sed1565 series physical data module size.......................................93.2w x 53.0h x 5.5t mm viewing area size...........................................70.7w x 38.8 mm dot pitch.......................................................0.52w x 0.52h mm dot size........................................................0.48w x 0.48h mm dimensional drawing 128 x 64 dots graphic with led backlight 0.52 0.48 0.52 0.48 #has built-in inverter for negative power supply power supply v dd v 1 v 5 1.0uf cap2+ cap2- cap1+ cap1- v out 5.0v l c m 2.2uf chip on glass technology hdg12864l-4 0.04 0.04 connector information v ss cap3- c2 c2 c2 c2 c1 c1 c1 c1 c1 c2: c1: supplied with 0.5mm ffc 0.3mm thick, 26 pins (yellow ) (yellow ) 3.2 3.5 3.8 v - - 135 ma


▲Up To Search▲   

 
Price & Availability of HDG12864L-4-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X